Part Number Hot Search : 
000WD AON7932 DG271BCJ DG413CU KSE5741 32252 D70F3 E001756
Product Description
Full Text Search
 

To Download 1517-XXZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1517 doc #01007 data delay devices, inc. 1 10/30/01 3 mt. prospect ave. clifton, nj 07013 5-tap dip delay line t d /t r = 3 (series 1517) features packages 5 taps of equal delay increment delays as large as 300ns available low dc resistance standard 14-pin dip package epoxy encapsulated meets or exceeds mil-d-23859c functional description the 1517-series device is a fixed, single-input, five-output, passive delay line. the signal input (in) is reproduced at the outputs (t1-t5) in equal increments. the delay from in to t5 (t d ) is given by the device dash number. the characteristic impedance of the line is given by the letter code that follows the dash number (see table). the rise time (t r ) of the line is 33% of t d , and the 3db bandwidth is given by 1.05 / t d . series specifications functional diagram dielectric breakdown: 50 vdc distortion @ output: 10% max. operating temperature: -55 c to +125 c storage temperature: -55 c to +125 c temperature coefficient: 100 ppm/ c dash number specifications part number delay ( ns) imped ( w w ) rdc ( w w ) part number delay ( ns) imped ( w w ) rdc ( w w ) part number delay ( ns) imped ( w w ) rdc ( w w ) 1517-10a 10.0 1.0 50 0.6 1517-80c 80.0 4.0 200 3.5 1517-20f 20.0 1.0 400 4.5 1517-15a 15.0 1.0 50 0.6 1517-90c 90.0 4.5 200 5.0 1517-40f 40.0 2.0 400 5.0 1517-20a 20.0 1.0 50 0.7 1517-120c 120.0 6.0 200 5.0 1517-60f 60.0 3.0 400 5.0 1517-30a 30.0 1.5 50 0.7 1517-150c 150.0 7.5 200 8.0 1517-80f 80.0 4.0 400 8.0 1517-40a 40.0 2.0 50 0.9 1517-25d 25.0 1.3 250 2.5 1517-100f 100.0 5.0 400 9.0 1517-5b 5.0 1.0 100 0.5 1517-37d 37.0 1.9 250 3.0 1517-120f 120.0 6.0 400 10.0 1517-10b 10.0 1.0 100 0.7 1517-50d 50.0 2.5 250 3.5 1517-160f 160.0 8.0 400 13.0 1517-15b 15.0 1.0 100 0.7 1517-60d 60.0 3.0 250 4.0 1517-180f 180.0 9.0 400 14.0 1517-20b 20.0 1.0 100 0.9 1517-75d 75.0 3.8 250 4.0 1517-240f 240.0 12.0 400 19.0 1517-25b 25.0 1.3 100 1.0 1517-100d 100.0 5.0 250 5.0 1517-300f 300.0 15.0 400 23.0 1517-30b 30.0 1.5 100 1.5 1517-150d 150.0 7.5 250 8.5 1517-25g 25.0 1.3 500 3.0 1517-40b 40.0 2.0 100 1.8 1517-15e 15.0 1.0 300 2.5 1517-50g 50.0 2.5 500 5.0 1517-50b 50.0 2.5 100 2.0 1517-30e 30.0 1.5 300 3.0 1517-75g 75.0 3.8 500 8.0 1517-60b 60.0 3.0 100 2.0 1517-50e 50.0 2.5 300 4.0 1517-100g 100.0 5.0 500 15.0 1517-75b 75.0 3.8 100 2.5 1517-60e 60.0 3.0 300 4.0 1517-125g 125.0 6.3 500 9.0 1517-10c 10.0 1.0 200 1.5 1517-75e 75.0 3.8 300 4.5 1517-150g 150.0 7.5 500 13.0 1517-20c 20.0 1.0 200 2.0 1517-90e 90.0 4.5 300 5.5 1517-200g 200.0 10.0 500 21.0 1517-30c 30.0 1.5 200 2.5 1517-120e 120.0 6.0 300 8.0 1517-225g 225.0 11.3 500 23.0 1517-40c 40.0 2.0 200 3.0 1517-130e 130.0 6.5 300 9.0 1517-300g 300.0 15.0 500 29.0 1517-50c 50.0 2.5 200 3.0 1517-180e 180.0 9.0 300 11.0 1517-60c 60.0 3.0 200 3.5 1517-220e 220.0 11.0 300 13.0 2001 data delay devices data delay devices, inc. 3 14 13 12 11 10 9 8 1 2 3 4 5 6 7 in n/c t2 n/c t4 t5 gnd n/c t1 n/c t3 n/c n/c n/c 1517-XXZ xx = delay (t d ) z = impedance code pin descriptions in signal input t1-t5 tap outputs gnd ground gnd in t5 t1 t2 t3 t4
1517 doc #01007 data delay devices, inc. 2 10/30/01 tel: 973-773- 2299 fax: 973-773-9672 http://www.datadelay.com .780 max. 1 2 3 4 5 6 7 8 14 13 12 11 10 9 see table .015 typ. .070 max. .018 typ. .600 .010 6 equal spaces each .100 .010 non-accumulative .280 max. .350 max. .010 .002 lead material: nickel-iron alloy 42 tin plate package dimensions passive delay line test specifications test conditions input: output: ambient temperature: 25 o c 3 o c r load : 10m w input pulse: high = 3.0v typical c load : 10pf low = 0.0v typical threshold: 50% (rising & falling) source impedance: 50 w max. rise/fall time: 3.0 ns max. ( measured at 10% and 90% levels) pulse width (t d <= 75ns): pw in = 100ns period (t d <= 75ns): per in = 1000ns pulse width (t d > 75ns): pw in = 2 x t d period (t d > 75ns): per in = 10 x t d note: the above conditions are for test only and do not in any way restr ict the operation of the device. timing diagram for testing d rise d fall per in pw in t rise t fall 10% 10% 50% 50% 90% 90% 50% 50% v ih v il v oh v ol input signal output signal t rise t fall 10% 10% 90% 90% in t1 out trig in trig test setup device under test (dut) oscilloscop pulse generator 50 w r out r in r in = r out = z line t2 t3 t4 t5


▲Up To Search▲   

 
Price & Availability of 1517-XXZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X